Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4351 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4351
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4351 Fiches technique(HTML) 2 Page - Texas Instruments

  CD54HC4351 Datasheet HTML 1Page - Texas Instruments CD54HC4351 Datasheet HTML 2Page - Texas Instruments CD54HC4351 Datasheet HTML 3Page - Texas Instruments CD54HC4351 Datasheet HTML 4Page - Texas Instruments CD54HC4351 Datasheet HTML 5Page - Texas Instruments CD54HC4351 Datasheet HTML 6Page - Texas Instruments CD54HC4351 Datasheet HTML 7Page - Texas Instruments CD54HC4351 Datasheet HTML 8Page - Texas Instruments CD54HC4351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Functional Diagram
’HC4351, CD74HCT4351
TG
TG
TG
TG
TG
TG
TG
4
A
COMMON
OUT/IN
BINARY
TO
1 OF 8
DECODER
WITH
ENABLE
15
13
12
8
E2
S2
S1
S0
LOGIC
LEVEL
CONVERSION
20
VCC
TG
LATCHES
7
E1
11
LE
17
18
19
16
1
6
2
5
A7
A6
A5
A4
A3
A2
A1
A0
CHANNEL IN/OUT
10
9
GND
VEE
TRUTH TABLE
’HC4351, CD74HCT4351
INPUT STATES
(NOTE 1)
“ON”
SWITCHES
LE = H
E1
E2
S2
S1
S0
L
H
LLL
A0
LHL
L
H
A1
LHLHL
A2
LHLH
H
A3
LH
HL
L
A4
LH
HLH
A5
L
HHH
L
A6
L
HHHH
A7
H
L
X
X
X
None
H = High Voltage Level, L = Low Voltage Level, X = Don’t Care
NOTE:
1. When LE is low S0-S2 data are latched and switches cannot
change state.
FIGURE 1. DETAIL OF ONE HC/HCT4351 SWITCH
An
IN/OUT
P
P
N
N
N
N
VCC
VCC
VEE
FROM
SELECT
LOGIC
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20