| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC7959YD Fiches technique(PDF) 4 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7959YD Fiches technique(HTML) 4 Page - Vitesse Semiconductor Corporation |
|
4 / 10 page ![]() VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC7959 3.125Gb/s CML Limiting Amplifier with LOS Detect Page 4 G52358-0, Rev 2.0 02/09/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Package Pin Descriptions Figure 1: Pin Diagram Table 5: Pin Identifications Pin Name Pin No. Description CZ1 1 Offset Correction Loop Capacitor. Place capacitor between this pin and CZ2 to alter time constant of offset correction loop. See Detailed Description section. CZ2 2 Offset Correction Loop Capacitor. Place capacitor between this pin and CZ1 to alter time constant of offset correction loop. See Detailed Description section. GND 3 Supply Ground IN+ 4 Noninverted Input Signal IN- 5 Inverted Input Signal GND 6 Supply Ground LEVEL 7 Output Current Level. This pin may either be connected to ground or left unconnected. Connecting to ground causes output current to be 20mA. The output is 16mA when left unconnected. See Detailed Description section. TH 8 Loss of Signal (LOS) Threshold. Connect a resistor from this pin to ground to set the input signal level at which LOS outputs will be asserted. See Application Information section. LOS 9 Inverted Loss of Signal Output. LOS is HIGH for input signals above the threshold programmed by TH. See Detailed Description section. LOS 10 Noninverted Loss of Signal Output. LOS is LOW for input signals above the threshold programmed by TH. See Detailed Description section. VCC 11 Power Supply OUT- 12 Inverted Data Output OUT+ 13 Noninverted Data Output VCC 14 Power Supply SQUELCH 15 Squelch Input. Squelch is disabled if this pin is unconnected or set LOW. When SQUELCH is HIGH, OUT+ and OUT- are forced to static levels. NC 16 No Connection 1 2 3 4 5 6 7 8 CZ1 CZ2 GND IN+ IN- GND LEVEL TH NC SQUELCH VCC OUT+ OUT- VCC LOS LOS 16 15 14 13 12 11 10 9 VSC7959 Top View TSSOP-16 Package |