| Moteur de recherche de fiches techniques de composants électroniques |
|
BO2 Fiches technique(PDF) 1 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
BO2 Fiches technique(HTML) 1 Page - Cooper Bussmann, Inc. |
|
|
1 / 1 page ![]() 28 For additional product information, visit www.bussmann.com Bottom Forward - BF Skirted Access Side Bottom Reverse - BR Skirted Access Side Terminal Block Covers Available for Series A1000, A2000, A3000, A4000, B4000, LP2000, & LP3000. Three styles of UL 94V0 thermoplastic covers are offered in black. Covers are ordered separately and supplied with two clips each, unless ordered without clips. Optional markings may be specified (white on black). Notes: Covers cannot be used with: • mounting plate options MP & MT. • certain quick connect terminals. • 0, 6, & 9 base/end styles on A2 or A3 Bulk Cover Clips: Series 1000 = CC1-J; Series 2000 & 3000 = CC2-J; Series 4000 = CC4-J. Cover Options BB Skirted access on both sides. Cover Options BO Skirted access on one side only. Cover Options BC Open access on both sides. Cover Series Poles Markings Options nnnn nn nnnn nnnn nnnn BB - skirted access, both sides, black 1 - 1000 02 to 36 BF - bottom forward 00 - without clips BO - skirted access, one side, black 2 - 2000 TF - top forward BC - open access, both sides, black* 3 - 3000 BR - bottom reverse * Not available in 4000 Series 4 - 4000 TR - top reverse Top Forward - TF Top Reverse - TR Standard Cover Markings 1 2 3 4 1 2 3 4 4 3 2 1 4 3 2 1 Cover Options - Single Row All Series Accessories Single Row Terminal Blocks Continued nnnnnn - nnnn A38 Series nnnnnn - nnnn B38 Series T A 8 T B 8 Snap-On Covers for A38/B38 Series & CB2/CB3 Series A38/B38Series CB2/CB3Series Poles nnnnnn - nnnn CB2 Series nnnnnn - nnnn CB3 Series T O 2 T O 3 Poles Terminal Blocks - Single Row — |
Numéro de pièce similaire - BO2 |
|
Description similaire - BO2 |