| Moteur de recherche de fiches techniques de composants électroniques |
|
S-8 Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
S-8 Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 2 page ![]() TechnicalData1032 Effective May 2016 For Eaton’s Bussmann series product information, call 1-855-287-7626 or visit: Eaton.com/bussmannseries Eaton and Bussmann are valuable trademarks of Eaton in the US and other countries. You are not permitted to use the Eaton trademarks without prior written consent of Eaton. CSA is a registered trademark of the Canadian Standards Group. UL is a registered trademark of the Underwriters Laboratories, Inc. Eaton 1000 Eaton Boulevard Cleveland, OH 44122 United States Eaton.com Bussmann Division 114 Old State Road Ellisville, MO 63021 United States Eaton.com/bussmannseries © 2016 Eaton All Rights Reserved Printed in USA Publication No. 1032 – SB02374 May 2016 Follow us on social media to get the latest product and support information. Plug fuses Dual-Element, time-delay 125 Volt, 1–30 amp The only controlled copy of this Data Sheet is the electronic read-only version located on the Eaton Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Features: • Heavy duty, dual-element, time-delay rejection base fuse • Use to protect critical motor circuits or motors that cycle on/ off frequently • Features non-interchangeable body • An industrial/commerical grade product with dual-element construction • These fuses thread into SA adaptors • Industrial strength, featuring exclusive dual-element construction • This spring loaded design provides superior short circuit and overload protection • More time-delay than the medium duty Type SL fuses in order to better protect industrial motors and critical residential circuits 100 10 1 0.1 0.01 Amp rating Current in amps Time-current curve – average melt Rejection base plug fuses dual-element, time-delay 125 volt, up to 30 amp |