| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8833U Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 112 page ![]() 2003 Feb 14 21 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 Table 18 Sleep_OUT register bits D/C 76543210 DEFAULT 000010001 11H handbook, full pagewidth MGU913 reset HW or SW send Sleep_OUT booster wait for D31 bit display Sleep_IN D31 = 0 Sleep_OUT booster on display on display off BSTROFF DISPOFF DISPON BSTRON D31 = 1 D31 = 0 ready Fig.4 Start-up, when leaving Power-down mode (i.e. after sending Sleep_OUT). D31 is the booster voltage status bit; see Section 6.2.7. |