Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN0402002DBVR Fiches technique(PDF) 26 Page - Texas Instruments

No de pièce SN0402002DBVR
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Fiches technique(HTML) 26 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 22Page - Texas Instruments SN0402002DBVR Datasheet HTML 23Page - Texas Instruments SN0402002DBVR Datasheet HTML 24Page - Texas Instruments SN0402002DBVR Datasheet HTML 25Page - Texas Instruments SN0402002DBVR Datasheet HTML 26Page - Texas Instruments SN0402002DBVR Datasheet HTML 27Page - Texas Instruments SN0402002DBVR Datasheet HTML 28Page - Texas Instruments SN0402002DBVR Datasheet HTML 29Page - Texas Instruments SN0402002DBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS3103E12DBVR
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103E12DBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3103E12DBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3103E12DBVT
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103E15DBVR
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103E15DBVT
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103H20DBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3103H20DBVR
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103H20DBVT
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103H20DBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3103K33DBVR
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3103K33DBVT
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS3106E09DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3106E09DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3106E16DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3106E16DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3106K33DBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3106K33DBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Sep-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31