| Moteur de recherche de fiches techniques de composants électroniques |
|
ACS764 Fiches technique(PDF) 21 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ACS764 Fiches technique(HTML) 21 Page - Allegro MicroSystems |
|
21 / 22 page ![]() Fully Integrated, Hall-Effect Based Current Sensor IC with I2C Digital Output and Low-Resistance Current Conductor ACS764 21 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Package LF, 24-Pin QSOP 0.635 BSC 0.25 0.15 0.25 MAX 1.75 MAX 8º 0º 1.27 0.41 0.25 BSC 1.04 REF 8.66 ±0.10 3.91 ±0.10 0.30 0.20 5.99 ±0.20 C 0.20 24X SEATING PLANE C 0.635 2.30 5.00 0.40 2 1 24 GAUGE PLANE SEATING PLANE A C C B A For Reference Only, not for tooling use (reference JEDEC MO-137 AE) Dimensions in millimeters Dimensions exclusive of mold flash, gate burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown B Reference pad layout (reference IPC7351 SOP63P600X175-24M) All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary to meet application process requirements and PCB layout tolerances Terminal #1 mark area PCB Layout Reference View Standard Branding Reference View N = Device part number T = Temperature code LF = (Literal) Package type A = Amperage TLF-AAA LLLLLLLLLLL NNNNNNNNNNNNN Branded Face Branding scale and appearance at supplier discretion |