| Moteur de recherche de fiches techniques de composants électroniques |
|
INA155UA/2K5G4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA155UA/2K5G4 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() 2 ® INA155 SPECIFICATIONS: VS = +2.7V to +5.5V Boldface limits apply over the specified temperature range, TA = –40°C to +85°C At TA = +25°C, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS/2, unless otherwise noted. INA155E, U INA155EA, UA PARAMETER CONDITION MIN TYP MAX MIN TYP MAX UNITS INPUT Offset Voltage, RTI VOS VS = +5.0V, VCM = VS/2 ±0.2 ±1 VV mV Over Temperature ±1.5 V mV Drift dVOS/dT ±5 V µV/°C vs Power Supply PSRR VS = +2.7V to +6V, VCM = 0.2 • VS ±50 ±200 VV µV/V Over Temperature ±250 V µV/V vs Time ±0.4 V µV/mo INPUT VOLTAGE RANGE Safe Input Voltage (V–) – 0.5 (V+) + 0.5 VV V Common-Mode Range(1) VCM VS = 5.5V 0.3 5.2(2) VV V VS = 2.7V 0.2 2.5(2) VV V Common-Mode Rejection Ratio CMRR VS = 5.5V, 0.6V < VCM < 3.7V, G = 10 92 100 80 V dB Over Temperature 85 79 dB VS = 5.5V, 0.6V < VCM < 3.7V, G = 50 86 90 77 V dB Over Temperature 85 76 dB INPUT IMPEDANCE Differential 1013 || 3 V Ω || pF Common-Mode 1013 || 3 V Ω || pF INPUT BIAS CURRENT Input Bias Current IB ±1 ±10 VV pA Offset Current IOS ±1 ±10 VV pA NOISE, RTI RS = 0Ω, G = 10 or 50 Voltage Noise: f = 0.1Hz to 10Hz 4.5 V µV/Vp-p Voltage Noise Density: f = 10Hz 260 V nV/ √Hz f = 100Hz 99 V nV/ √Hz f = 1kHz 40 V nV/ √Hz Current Noise: f = 1kHz 2 V fA/ √Hz GAIN 10 50 VV V/V Gain Equation G = 10 + 400k Ω/(10kΩ + R G) V V/V Gain Error(3) VS = 5.5V, VO = 0.01V to 5.49V, G = 10 ±0.02 ±0.1 VV % vs Temperature ±2 ±10 VV ppm/ °C VS = 5.5V, VO = 0.05V to 5.45V, G = 50 ±0.05 ±0.25 VV % vs Temperature ±15 ±30 VV ppm/ °C Nonlinearity VS = 5.5V, G = 10 or 50 ±0.005 ±0.015 VV % of FSR Over Temperature ±0.015 V % of FSR OUTPUT Voltage Output Swing from Rail RL = 10kΩ, GERR < 0.1% 5 10 VV mV Over Temperature 10 V mV Short-Circuit Current Short Circuit to Ground ±50 V mA Capacitance Load (stable operation) See Typical Curve V FREQUENCY RESPONSE Bandwidth, –3dB BW G = 10 550 V kHz G = 50 110 V kHz Slew Rate SR VS = 5.5V, CL = 100pF 6.5 V V/ µs Settling Time: 0.1% tS VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10 5 V µs VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50 11 V µs 0.01% VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10 8 V µs VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50 15 V µs Overload Recovery 50% Input Overload 0.2 V µs Total Harmonic Distortion + Noise THD+N See Typical Curve V POWER SUPPLY Specified Voltage Range +2.7 +5.5 VV V Operating Voltage Range +2.5 to +6 V V Quiescent Current VIN = 0, IO = 0 1.7 2.1 VV mA Over Temperature VIN = 0, IO = 0 2.6 V mA TEMPERATURE RANGE Specified Range –40 +85 VV °C Operating Range –65 +150 VV °C Storage Range –65 +150 VV °C Thermal Resistance θ JA MSOP-8 Surface Mount 150 V °C/W SO-8 Surface Mount 150 V °C/W V Same as INA155E, U. NOTES: (1) For further information, refer to typical performance curves on common-mode input range. (2) Operation above (V+) – 1.8V (max) results in reduced common-mode rejection. See discussion and Figure 6 in the text of this data sheet. (3) Does not include error and TCR of additional optional gain-setting resistor in series with RG, if used. |