Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS78LS120J/883 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DS78LS120J/883
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120J/883 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  DS78LS120J/883 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120J/883 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application Hints (Continued)
00749912
Balanced RS-422 Fail-Safe
00749913
00749914
For balanced operation with inputs open or shorted, receiver
C will be in an indeterminate logic state. Receivers A and B
will be in a logic zero state allowing the NOR gate to detect
the open or short condition. The strobe will disable receivers
A and B and may therefore be used to sample the fail-safe
detector. Another method of fail-safe detection consists of
filtering the output of NOR gate D so it would not indicate a
fault condition when receiver inputs pass through the thresh-
old region, generating an output transient.
In a communications system, only the control signals are
required to detect input fault conditions. Advantages of a
balanced data transmission system over an unbalanced
transmission system are:
1. High noise immunity
2. High data ratio
3. Long line lengths
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9