Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP11368 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TP11368 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TP11368 Datasheet HTML 4Page - Texas Instruments TP11368 Datasheet HTML 5Page - Texas Instruments TP11368 Datasheet HTML 6Page - Texas Instruments TP11368 Datasheet HTML 7Page - Texas Instruments TP11368 Datasheet HTML 8Page - Texas Instruments TP11368 Datasheet HTML 9Page - Texas Instruments TP11368 Datasheet HTML 10Page - Texas Instruments TP11368 Datasheet HTML 11Page - Texas Instruments TP11368 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Functional Description (Continued)
Table 3 shows the position of the ADPCM data in the 5-bit in-
put register when five ASCK low going pulses are available
while CE is high. Only the last four bits of the ADPCM input
register prior to the falling edge of CE are latched in and
transferred to the core for processing in the 32, 24 and 16
kbps modes. In the 40 kbps mode, the last five bits prior to
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20