| Moteur de recherche de fiches techniques de composants électroniques |
|
TP11368 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TP11368 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 20 page ![]() Functional Description (Continued) Table 3 shows the position of the ADPCM data in the 5-bit in- put register when five ASCK low going pulses are available while CE is high. Only the last four bits of the ADPCM input register prior to the falling edge of CE are latched in and transferred to the core for processing in the 32, 24 and 16 kbps modes. In the 40 kbps mode, the last five bits prior to 7 www.national.com |