| Moteur de recherche de fiches techniques de composants électroniques |
|
DF1502S Fiches technique(PDF) 5 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
DF1502S Fiches technique(HTML) 5 Page - Formosa MS |
|
5 / 7 page ![]() Page 5 Document ID Issued Date Revised Date Revision Page. Formosa MS http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 SMD Bridge Rectifier DF15005S THRU DF1510S Packing information P0 P1 E d F W P A D D1 D2 W1 Item Tolerance DFS Carrier width Carrier length Carrier depth Sprocket hole 13" Reel outside diameter 7" Reel outside diameter 13" Reel inner diameter 7" Reel inner diameter Feed hole diameter Sprocket hole position Punch hole position Punch hole pitch Sprocket hole pitch Embossment center Reel width Overall tape thickness Tape width P0 P1 E B C d F T W P A D D D1 D1 D2 W1 Symbol 0.1 0.1 0.1 min min 0.5 0.1 0.3 1.0 0.1 0.1 0.1 0.1 0.1 0.1 2.0 2.0 unit:mm 1.50 330.00 - 50.00 - 13.00 1.75 7.50 12.00 4.00 2.00 0.30 16.00 22.00 Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above. 8.64 10.41 3.50 B C T + – DS-241104 2008/02/10 2013/06/10 D 7 ~ ~ |