| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETX3150AGGP Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150AGGP Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10-Mbit/s MAC interface (ports 03–14) (continued) TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION M03TCLK G2 M04TCLK K1 M05TCLK M2 M06TCLK U2 M07TCLK Y1 M08TCLK AA1 I Transmit clock MXXTCLK is the transmit clock from the attached PHY or test device M09TCLK AE4 I Transmit clock. MXXTCLK is the transmit clock from the attached PHY or test device. M10TCLK AE7 M11TCLK AF10 M12TCLK AE12 M13TCLK AE15 M14TCLK AF18 M03TXD G1 M04TXD J1 M05TXD M1 M06TXD U1 M07TXD W1 M08TXD AB1 O Transmit data MXXTXD is the transmit data leaving port XX when MXXTXEN is asserted M09TXD AF4 O Transmit data. MXXTXD is the transmit data leaving port XX when MXXTXEN is asserted. M10TXD AF7 M11TXD AF9 M12TXD AF12 M13TXD AF15 M14TXD AF17 M03TXEN F2 M04TXEN J3 M05TXEN L1 M06TXEN T1 M07TXEN W2 M08TXEN AB3 O Transmit enable. MXXTXEN indicates valid transmit data on MXXTXD. High = valid transmit data on MXXTXD M09TXEN AD4 O High = valid transmit data on MXXTXD Low = no valid transmit data on MXXTXD M10TXEN AE6 Low no valid transmit data on MXXTXD M11TXEN AD9 M12TXEN AF11 M13TXEN AD15 M14TXEN AE17 |