| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2201B Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETE2201B Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() TNETE2201B 1.25GIGABIT ETHERNET TRANSCEIVER SLLS367D − JUNE 1999 − REVISED AUGUST 2007 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 transmitter timing requirements over recommended operating conditions (unless otherwise noted) TEST CONDITIONS MIN NOM MAX UNIT tsu1 Setup time, TD0 − TD9 valid to REFCLK ↑ See Figure 4 2 ns th1 Hold time, REFCLK ↑ to TD0 − TD9 invalid See Figure 4 1 ns Parallel-to-serial data latency 9 ns transmit interface timing The transmit interface is defined in the 10 b spec as the 10-bit parallel data input to the physical layer for serial transmission. The timing values are specified from REFCLK midpoint to valid input signal levels or from valid input signal levels to REFCLK midpoint. TD0 − TD9 Valid Valid Valid 50% tsu1 th1 REFCLK Figure 4. Transmit 10-Bit Interface Timing Waveforms |