| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2004 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2004 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 47 page ![]() TNETE2004 MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 pin assignments TNETE2004 power supplies are identified according to the section of the device they supply. All power supplies are labeled VDD or VSS, and each has a single-letter prefix indicating which circuit of the device they supply. L indicates a supply for control logic, R is for receiver circuits, T is for transmitter circuits, and A is for analog circuits. Each PHY-specific signal has a suffix, which is the number of the PHY, for example, carrier sense (CRS0), CRS1, and so on. If a signal name does not include a suffix, it is applicable to all PHYs. RXCLK0 CRS0 RXD0 LINK0 DUPLEX0 LGND TGND0 XMTN0 XMTP0 TVDD0 RVDD0 RCVN0 RCVP0 RGND0 RESET LOOPBACK TGND1 XMTN1 XMTP1 TVDD1 RVDD1 RCVN1 RCVP1 RGND1 LGND DUPLEX1 LINK1 RXD1 CRS1 LVDD LVDD RXCLK3 CRS3 RXD3 LINK3 DUPLEX3 LGND RGND3 RCVP3 RCVN3 RVDD3 TVDD3 XMTP3 XMTN3 TGND3 SQE AUTONEG RGND2 RCVP2 RCVN2 RVDD2 TVDD2 XMTP2 XMTN2 TGND2 LGND DUPLEX2 LINK2 RXD2 CRS2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 30 61 PBE PACKAGE (TOP VIEW) |