| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F67751AIPEU Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F67751AIPEU Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 176 page ![]() MSP430F67791A , MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A MSP430F67691A , MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A www.ti.com SLAS983 – MAY 2014 Table 4-4. Terminal Functions – PZ Package (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ General-purpose digital I/O with mappable secondary function P3.4/PM_UCA1RXD/ Default mapping: eUSCI_A1 UART receive data 55 I/O PM_UCA1SOMI/S36 Default mapping: eUSCI_A1 SPI slave out, master in LCD segment output S36 General-purpose digital I/O with mappable secondary function P3.5/PM_UCA1TXD/ Default mapping: eUSCI_A1 UART transmit data 56 I/O PM_UCA1SIMO/S35 Default mapping: eUSCI_A1 SPI slave in, master out LCD segment output S35 General-purpose digital I/O with mappable secondary function P3.6/PM_UCA2RXD/ Default mapping: eUSCI_A2 UART receive data 57 I/O PM_UCA2SOMI/S34 Default mapping: eUSCI_A2 SPI slave out, master in LCD segment output S34 General-purpose digital I/O with mappable secondary function P3.7/PM_UCA2TXD/ Default mapping: eUSCI_A2 UART transmit data 58 I/O PM_UCA2SIMO/S33 Default mapping: eUSCI_A2 SPI slave in, master out LCD segment output S33 General-purpose digital I/O with mappable secondary function P4.0/PM_UCA2CLK/S32 59 I/O Default mapping: eUSCI_A2 clock input/output LCD segment output S32 General-purpose digital I/O with mappable secondary function P4.1/PM_UCA3RXD/ Default mapping: eUSCI_A3 UART receive data 60 I/O PM_UCA3SOMI/S31 Default mapping: eUSCI_A3 SPI slave out, master in LCD segment output S31 General-purpose digital I/O with mappable secondary function P4.2/PM_UCA3TXD/ Default mapping: eUSCI_A3 UART transmit data 61 I/O PM_UCA3SIMO/S30 Default mapping: eUSCI_A3 SPI slave in, master out LCD segment output S30 General-purpose digital I/O with mappable secondary function P4.3/PM_UCA3CLK/S29 62 I/O Default mapping: eUSCI_A3 clock input/output LCD segment output S29 General-purpose digital I/O with mappable secondary function P4.4/PM_UCB1SOMI/ Default mapping: eUSCI_B1 SPI slave out, master in 63 I/O PM_UCB1SCL/S28 Default mapping: eUSCI_B1 I2C clock LCD segment output S28 Copyright © 2014, Texas Instruments Incorporated Terminal Configuration and Functions 21 Submit Documentation Feedback Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A |