Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV583GA-G Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce HV583GA-G
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583GA-G Fiches technique(HTML) 2 Page - Microchip Technology

  HV583GA-G Datasheet HTML 1Page - Microchip Technology HV583GA-G Datasheet HTML 2Page - Microchip Technology HV583GA-G Datasheet HTML 3Page - Microchip Technology HV583GA-G Datasheet HTML 4Page - Microchip Technology HV583GA-G Datasheet HTML 5Page - Microchip Technology HV583GA-G Datasheet HTML 6Page - Microchip Technology HV583GA-G Datasheet HTML 7Page - Microchip Technology HV583GA-G Datasheet HTML 8Page - Microchip Technology HV583GA-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
HV583
DS20005461A-page 2
 2015 Microchip Technology Inc.
Block Diagram
32-Bit
Shift
Register
128-Bit
Latch
32-Bit
Shift
Register
32-Bit
Shift
Register
32-Bit
Shift
Register
VDD
VPP
HVOUT0
HVOUT127
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D124
D125
D126
D127
Q124
Q125
Q126
Q127
PGND
DGND
D1B
D1A
D2B
D2A
D3B
D3A
D4B
D4A
CLK
RST
LE
OH
OL
OE
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22