Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP1253-ADJE/MS Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce MCP1253-ADJE/MS
Description  Low-Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253-ADJE/MS Fiches technique(HTML) 13 Page - Microchip Technology

Back Button MCP1253-ADJE/MS Datasheet HTML 9Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 10Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 11Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 12Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 13Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 14Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 15Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 16Page - Microchip Technology MCP1253-ADJE/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
 2002-2014 Microchip Technology Inc.
DS20001752C-page 13
MCP1252/3
7.0
PACKAGING INFORMATION
7.1
Package Marking
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator ( )
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead MSOP (Fixed)
Example:
1252SX
412256
8-Lead MSOP (Adjustable)
Example:
OR
1253DJ
412256
1253EX
412256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20