Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2003BT-E/MC Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP2003BT-E/MC
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-E/MC Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP2003BT-E/MC Datasheet HTML 13Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 14Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 15Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 16Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 17Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 18Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 19Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 20Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 17
MCP2003B
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
8-Lead SOIC (150 mil)
Examples:
Examples
:
8-Lead DFN (2x3)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Examples
:
8-Lead DFN (3x3)
NNN
NNN
ADP
613
25
DAEC
1613
256
MCP2003B
SN^^^1613
256
3
e
Device
Code
MCP2003B-E/MC
ADP
MCP2003BT-E/MC
ADP
MCP2003B-H/MC
ADR
MCP2003BT-H/MC
ADR
Device
Code
MCP2003B-E/MF
DAEC
MCP2003BT-E/MF
DAEC
MCP2003B-H/MF
DAEE
MCP2003BT-H/MF
DAEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32