Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2221AT-I/ML Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce MCP2221AT-I/ML
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ML Fiches technique(HTML) 3 Page - Microchip Technology

  MCP2221AT-I/ML Datasheet HTML 1Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 2Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 3Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 4Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 5Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 6Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 7Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 8Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 3
MCP2221A
1.0
FUNCTIONAL DESCRIPTION
The MCP2221A is a USB-to-UART serial converter
that enables USB connectivity in applications that have
UART and/or I2C interfaces. The device reduces
external
components
by
integrating
the
USB
termination resistors and the oscillator needed for USB
operation.
The MCP2221A has four GP pins for miscellaneous
functionalities (including GPIO, USBCFG, SSPND,
Clock Output, ADC, DAC and interrupt detector).
See Table 1-1 and Section 1.7 “Pin MUX Module” for
details about the pin functions.
TABLE 1-1:
PINOUT DESCRIPTION
Pin
Name
PDIP,
SOIC,
SSOP
QFN
Pin
Type
Standard Function
Alternate Functions
GP0
2
1
I/O General purpose I/O or alternate
function pin
SSPND (OUT)
LED_URX (OUT)
Signals when the host has
entered Suspend mode
UART RX LED activity output
(factory default)
GP1
3
2
I/O General purpose I/O or alternate
function pin
CLKR (OUT)
ADC1 (IN)
LED_UTX (OUT)
IOC (IN)
Clock Reference Output
ADC Channel 1
UART TX Led activity output
(factory default)
External interrupt edge detector
RST
4
3
I
Reset input (with internal pull-up) N/A
URX
54
I
UART RX pin (input)
N/A
UTX
65
O
UART TX pin (output)
N/A
GP2
7
6
I/O General purpose I/O or alternate
function pin
USBCFG (OUT)
ADC2 (IN)
DAC1 (OUT)
USB device configured status
(factory default)
ADC Channel 2
DAC Output 1
GP3
8
7
I/O General purpose I/O or alternate
function pin
LED_I2C (OUT)
ADC3 (IN)
DAC2 (OUT)
USB-I2C traffic indicator (factory
default)
ADC Channel 3
DAC Output 2
SDA
9
8
I/O I2C Data line
N/A
SCL
10
9
I/O I2C Clock line
N/A
VUSB
11
10
USB USB Power pin (internally
connected to 3.3V)
Should be locally bypassed with
a high-quality ceramic capacitor
D-
12
11
USB USB D-
D+
13
12
USB USB D+
VSS
14
13
P
Ground
NC
—
14
15
—
Not Connected
VDD
116
P
Power
EP
—
17
—
Exposed Thermal Pad (EP)
Do not electrically connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80