| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP23017T-E/SS Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/SS Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 42 page ![]() MCP23017/MCP23S17 DS20001952C-page 22 2005-2016 Microchip Technology Inc. 3.5.7 PULL-UP RESISTOR CONFIGURATION REGISTER The GPPU register controls the pull-up resistors for the port pins. If a bit is set and the corresponding pin is configured as an input, the corresponding port pin is internally pulled up with a 100 k resistor. 3.5.8 INTERRUPT FLAG REGISTER The INTF register reflects the interrupt condition on the port pins of any pin that is enabled for interrupts via the GPINTEN register. A set bit indicates that the associated pin caused the interrupt. This register is read-only. Writes to this register will be ignored. REGISTER 3-7: GPPU: GPIO PULL-UP RESISTOR REGISTER (ADDR 0x06) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 PU7 PU6 PU5 PU4 PU3 PU2 PU1 PU0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 PU<7:0> Controls the weak pull-up resistors on each pin (when configured as an input) 1 = Pull-up enabled 0 = Pull-up disabled REGISTER 3-8: INTF: INTERRUPT FLAG REGISTER (ADDR 0x07) R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 INT7 INT6 INT5 INT4 INT3 INT2 INT1 INT0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 INT<7:0>: Reflects the interrupt condition on the port. It reflects the change only if interrupts are enabled per GPINTEN<7:0>. 1 = Pin caused interrupt. 0 = Interrupt not pending |