| Moteur de recherche de fiches techniques de composants électroniques |
|
HV2802 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2802 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 26 page ![]() 2015 Microchip Technology Inc. DS20005449A-page 9 HV2802/HV2902 2.0 PACKAGE PIN CONFIGURATIONS AND FUNCTIONS DESCRIPTION This section details the pin designation for the 78-Ball VFBGA package (Figure 2-1). The descriptions of the pins are listed in Table 2-1. FIGURE 2-1: 78-Ball VFBGA Package - Top View. 12 34 5 6 7 8 9 10 11 12 13 A B C D E F G H J K L M N SW2B SW3A SW4A SW5A SW6A SW7A SW8A SW9A SW10A SW11A SW12A SW13A SW12B SW8B SW24B SW25B SW26A SW27A SW26B SW28A SW29A SW29B SW28B SW27B SW30A SW30B SW31B SW31A CLR CLK DIN SW1A SW0A VDD LE GND DOUT SW0B SW1B SW11B SW10B SW9B SW2A SW3B SW7B SW6B SW5B SW4B SW25A SW24A SW23B SW22B SW18B VNN VPP SW17B SW16B SW15B SW14B SW13B VNN VPP SW14A SW15A SW16A SW17A SW18A SW19A SW19B SW20A SW21A SW20B SW22A SW21B SW23A NC RGND NC RGND NC RGND Note: On pins B6, M10 and N5 the NC pin is available for HV2802 only, while RGND pin is available for HV2902. |