| Moteur de recherche de fiches techniques de composants électroniques |
|
ADM809 Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM809 Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 12 page ![]() REV. C –4– ADM803/ADM809/ADM810 ORDERING GUIDE (ADM803 and ADM809) Model Reset Threshold (V) Temperature Range Branding Quantity Package Type ADM803LAKS-REEL 4.63 –40 °C to +125°CM02 10 k 3-Lead SC70 ADM803LAKS-REEL-7 4.63 –40 °C to +125°CM02 3 k 3-Lead SC70 ADM803MAKS-REEL 4.38 –40 °C to +125°CM03 10 k 3-Lead SC70 ADM803MAKS-REEL-7 4.38 –40 °C to +125°CM03 3 k 3-Lead SC70 ADM803TAKS-REEL 3.08 –40 °C to +125°CM05 10 k 3-Lead SC70 ADM803TAKS-REEL-7 3.08 –40 °C to +125°CM05 3 k 3-Lead SC70 ADM803SAKS-REEL 2.93 –40 °C to +125°CM06 10 k 3-Lead SC70 ADM803SAKS-REEL-7 2.93 –40 °C to +125°CM06 3 k 3-Lead SC70 ADM803RAKS-REEL 2.63 –40 °C to +125°CM07 10 k 3-Lead SC70 ADM803RAKS-REEL-7 2.63 –40 °C to +125°CM07 3 k 3-Lead SC70 ADM803ZAKS-REEL 2.32 –40 °C to +125°CM08 10 k 3-Lead SC70 ADM803ZAKS-REEL-7 2.32 –40 °C to +125°CM08 3 k 3-Lead SC70 ADM809LART-REEL 4.63 –40 °C to +125°C 9LXX 10 k 3-Lead SOT-23 ADM809LART-REEL-7 4.63 –40 °C to +125°C 9LXX 3 k 3-Lead SOT-23 ADM809LAKS-REEL 4.63 –40 °C to +125°C M9A 10 k 3-Lead SC70 ADM809LAKS-REEL-7 4.63 –40 °C to +125°C M9A 3 k 3-Lead SC70 ADM809MART-REEL 4.38 –40 °C to +125°C 9MXX 10 k 3-Lead SOT-23 ADM809MART-REEL-7 4.38 –40 °C to +125°C 9MXX 3 k 3-Lead SOT-23 ADM809MAKS-REEL 4.38 –40 °C to +125°CM9B 10 k 3-Lead SC70 ADM809MAKS-REEL-7 4.38 –40 °C to +125°CM9B 3 k 3-Lead SC70 ADM809JART-REEL 4.00 –40 °C to +125°C9JXX 10 k 3-Lead SOT-23 ADM809JART-REEL-7 4.00 –40 °C to +125°C9JXX 3 k 3-Lead SOT-23 ADM809JAKS-REEL 4.00 –40 °C to +125°C M9C 10 k 3-Lead SC70 ADM809JAKS-REEL-7 4.00 –40 °C to +125°C M9C 3 k 3-Lead SC70 ADM809TART-REEL 3.08 –40 °C to +125°C 9TXX 10 k 3-Lead SOT-23 ADM809TART-REEL-7 3.08 –40 °C to +125°C 9TXX 3 k 3-Lead SOT-23 ADM809TAKS-REEL 3.08 –40 °C to +125°C M9D 10 k 3-Lead SC70 ADM809TAKS-REEL-7 3.08 –40 °C to +125°C M9D 3 k 3-Lead SC70 ADM809SART-REEL 2.93 –40 °C to +125°C 9SXX 10 k 3-Lead SOT-23 ADM809SART-REEL-7 2.93 –40 °C to +125°C 9SXX 3 k 3-Lead SOT-23 ADM809SAKS-REEL 2.93 –40 °C to +125°C M9E 10 k 3-Lead SC70 ADM809SAKS-REEL-7 2.93 –40 °C to +125°C M9E 3 k 3-Lead SC70 ADM809RART-REEL 2.63 –40 °C to +125°C 9RXX 10 k 3-Lead SOT-23 ADM809RART-REEL-7 2.63 –40 °C to +125°C 9RXX 3 k 3-Lead SOT-23 ADM809RAKS-REEL 2.63 –40 °C to +125°C M9F 10 k 3-Lead SC70 ADM809RAKS-REEL-7 2.63 –40 °C to +125°C M9F 3 k 3-Lead SC70 ADM809ZART-REEL 2.32 –40 °C to +125°C 9ZXX 10 k 3-Lead SOT-23 ADM809ZART-REEL-7 2.32 –40 °C to +125°C 9ZXX 3 k 3-Lead SOT-23 ADM809ZAKS-REEL 2.32 –40 °C to +125°C M9G 10 k 3-Lead SC70 ADM809ZAKS-REEL-7 2.32 –40 °C to +125°C M9G 3 k 3-Lead SC70 |