Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6634BC/PCB Fiches technique(PDF) 23 Page - Analog Devices

No de pièce AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Fiches technique(HTML) 23 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 19Page - Analog Devices AD6634BC/PCB Datasheet HTML 20Page - Analog Devices AD6634BC/PCB Datasheet HTML 21Page - Analog Devices AD6634BC/PCB Datasheet HTML 22Page - Analog Devices AD6634BC/PCB Datasheet HTML 23Page - Analog Devices AD6634BC/PCB Datasheet HTML 24Page - Analog Devices AD6634BC/PCB Datasheet HTML 25Page - Analog Devices AD6634BC/PCB Datasheet HTML 26Page - Analog Devices AD6634BC/PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
REV. 0
AD6634
–23–
The NCO frequency value in registers 0x85 and 0x86 is interpreted
as a 32-bit unsigned integer. The NCO frequency is calculated
using the equation below.
NCO
FREQ
MOD
f
CLK
CHANNEL
_
=×


2
32
where, NCO_FREQ is the 32-bit integer (registers 0x85 and 0x86),
fCHANNEL is the desired channel frequency, and CLK is the AD6634
master clock rate or input data rate depending on the Input
Enable mode used. See Input Enable Control section.
NCO Frequency Hold-Off Register
When the NCO Frequency registers are written, data is actually
passed to a shadow register. Data may be moved to the main
registers by one of two methods: when the channel comes out of
sleep mode or when a SYNC Hop occurs. In either event a
counter can be loaded with NCO Frequency Hold-Off register
value. The 16-bit unsigned integer counter (0x84) starts count-
ing down clocked by the master clock and when it reaches zero,
the new frequency value in the shadow register is written to the
NCO Frequency register. The NCO could also be set up to SYNC
immediately, in which case the Frequency Hold-off counter is
bypassed and new frequency values are updated immediately.
Phase Offset
The phase offset register (0x87) adds an offset to the phase
accumulator of the NCO. This is a 16-bit register and is inter-
preted as a 16-bit unsigned integer. A 0x0000 in this register
corresponds to a 0 Radian offset and a 0xFFFF corresponds to
an offset of 2
(1-1/(2
16)) Radians. This register allows multiple
NCOs to be synchronized to produce sine waves with a known
and steady phase difference.
NCO Control Register
The NCO control register located at 0x88 is used to configure
the features of the NCO. These are controlled on a per-channel
basis, and are described below.
Bypass
The NCO in the front end of the AD6634 can be bypassed.
Bypass mode is enabled by setting Bit 0 of 0x88 high. When it is
bypassed, down conversion is not performed and the AD6634
channel functions simply as a real filter on complex data. This is
useful for baseband sampling applications where the A input is
connected to the I signal path within the filter and the B input is
connected to the Q signal path. This may be desired if the digi-
tized signal has already been converted to baseband in prior
analog stages or by other digital preprocessing.
Phase Dither
The AD6634 provides a phase dither option for improving the
spurious performance of the NCO. Phase dither is enabled by
setting Bit 1. When phase dither is enabled by setting this bit
high, spurs due to phase truncation in the NCO are randomized.
The energy from these spurs is spread into the noise floor and
spurious-free dynamic range is increased at the expense of very
slight decreases in the SNR. The choice of whether phase
dither is used in a system will ultimately be decided by the
system goals. It should be employed if lower spurs are desired
at the expense of a slightly raised noise floor. If a low noise floor
is desired, and the higher spurs can be tolerated or filtered by
subsequent stages, phase dither is not needed.
Amplitude Dither
Amplitude dither can also be used to improve spurious performance
of the NCO. Amplitude dither is enabled by setting Bit 2.
Amplitude dither improves performance by randomizing the
amplitude quantization errors within the angular to Cartesian
conversion of the NCO. This option may reduce spurs at the
expense of a slightly raised noise floor. Amplitude dither and
phase dither can be used together, separately, or not at all.
Clear Phase Accumulator on HOP
When Bit 3 is set, the NCO phase accumulator is cleared prior
to a frequency hop. This ensures a consistent phase of the NCO
on each hop. The NCO phase offset is unaffected by this setting
and is still in effect. If phase continuous hopping is desired, this
bit should be cleared and the last phase in the NCO phase register
will be the initiating point for the new frequency.
Input Enable Control
There are four different modes of operation for the input enable.
Each of the high speed input ports includes an IEN line. Any of
the four filter channels can be programmed to take data from either
of the two A or B input ports. (See WB Input Select section.)
Along with data is the IEN(A,B) signal. Each filter channel can be
configured to process the IEN signal in one of four modes. Three
of the modes are associated with when data is processed based
on a time division multiplexed data stream. The fourth mode is
used in applications that employ time division duplex such as
radar, sonar, ultrasound, and communications that involve TDD.
Mode 00: Blank on IEN Low
In this mode, data is blanked while the IEN line is low. During
the period of time when the IEN line is high, new data is strobed
on each rising edge of the input clock. When the IEN line is
lowered, input data is replaced with zero values. During this
period, the NCO continues to run such that when the IEN line
is raised again, the NCO value will be at the value it would have
been otherwise had the IEN line never been lowered. This mode
has the effect of blanking the digital inputs when the IEN line is
lowered. Back end processing (rCIC2, CIC5, and RCF) continues
while the IEN line is high. This mode is useful for time division
multiplexed applications.
Mode 01: Clock on IEN High
In this mode, data is clocked into the chip while the IEN line is
high. During the period of time when the IEN line is high, new
data is strobed on each rising edge of the input clock. When
the IEN line is lowered, input data is no longer latched into
the channel. Additionally, NCO advances are halted. However,
back end processing (rCIC2, CIC5, and RCF) continues during
this period. The primary use for this mode is to allow for a clock
that is faster than the input sample data rate to allow more filter
taps to be computed than would otherwise be possible. In Fig-
ure 30, input data is strobed only during the period of time that
IEN is high despite the fact that the CLK continues to run at a
rate four times faster than the data.
n+1
n
IN[13:0]
E[2:0]
CLK
IEN
tSI
tHI
Figure 30. Fractional Rate Input Timing (4x CLK)
in Mode 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52