| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS570LS1114 Fiches technique(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS1114 Fiches technique(HTML) 72 Page - Texas Instruments |
|
72 / 169 page ![]() TMS570LS1114 SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015 www.ti.com Table 6-20. Device Memory Map (continued) FRAME ADDRESS RANGE RESPNSE FOR ACCESS TO FRAME CHIP FRAME ACTUAL MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE SIZE START END FRAME Debug Components CoreSight Debug Reads return zeros, writes have no CSCS0 0xFFA0_0000 0xFFA0_0FFF 4KB 4KB ROM effect Cortex-R4F Reads return zeros, writes have no CSCS1 0xFFA0_1000 0xFFA0_1FFF 4KB 4KB Debug effect POM CSCS4 0xFFA0_4000 0xFFA0_4FFF 4KB 4KB Abort Peripheral Control Registers Reads return zeros, writes have no HTU1 PS[22] 0xFFF7_A400 0xFFF7_A4FF 256B 256B effect Reads return zeros, writes have no HTU2 PS[22] 0xFFF7_A500 0xFFF7_A5FF 256B 256B effect Reads return zeros, writes have no N2HET1 PS[17] 0xFFF7_B800 0xFFF7_B8FF 256B 256B effect Reads return zeros, writes have no N2HET2 PS[17] 0xFFF7_B900 0xFFF7_B9FF 256B 256B effect Reads return zeros, writes have no GIO PS[16] 0xFFF7_BC00 0xFFF7_BDFF 512B 256B effect Reads return zeros, writes have no MIBADC1 PS[15] 0xFFF7_C000 0xFFF7_C1FF 512B 512B effect Reads return zeros, writes have no MIBADC2 PS[15] 0xFFF7_C200 0xFFF7_C3FF 512B 512B effect Reads return zeros, writes have no I2C PS[10] 0xFFF7_D400 0xFFF7_D4FF 256B 256B effect Reads return zeros, writes have no DCAN1 PS[8] 0xFFF7_DC00 0xFFF7_DDFF 512B 512B effect Reads return zeros, writes have no DCAN2 PS[8] 0xFFF7_DE00 0xFFF7_DFFF 512B 512B effect Reads return zeros, writes have no DCAN3 PS[7] 0xFFF7_E000 0xFFF7_E1FF 512B 512B effect Reads return zeros, writes have no LIN PS[6] 0xFFF7_E400 0xFFF7_E4FF 256B 256B effect Reads return zeros, writes have no SCI PS[6] 0xFFF7_E500 0xFFF7_E5FF 256B 256B effect Reads return zeros, writes have no MibSPI1 PS[2] 0xFFF7_F400 0xFFF7_F5FF 512B 512B effect Reads return zeros, writes have no SPI2 PS[2] 0xFFF7_F600 0xFFF7_F7FF 512B 512B effect Reads return zeros, writes have no MibSPI3 PS[1] 0xFFF7_F800 0xFFF7_F9FF 512B 512B effect Reads return zeros, writes have no SPI4 PS[1] 0xFFF7_FA00 0xFFF7_FBFF 512B 512B effect Reads return zeros, writes have no MibSPI5 PS[0] 0xFFF7_FC00 0xFFF7_FDFF 512B 512B effect System Modules Control Registers and Memories DMA RAM PPCS0 0xFFF8_0000 0xFFF8_0FFF 4KB 4KB Abort Wrap around for accesses to VIM RAM PPCS2 0xFFF8_2000 0xFFF8_2FFF 4KB 1KB unimplemented address offsets between 1KB and 4KB. Flash Module PPCS7 0xFFF8_7000 0xFFF8_7FFF 4KB 4KB Abort eFuse Controller PPCS12 0xFFF8_C000 0xFFF8_CFFF 4KB 4KB Abort Power Management PPSE0 0xFFFF_0000 0xFFFF_01FF 512B 512B Abort Module (PMM) 72 System Information and Electrical Specifications Copyright © 2012–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS1114 |