| Moteur de recherche de fiches techniques de composants électroniques |
|
RI-TRP-R9VS-30 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RI-TRP-R9VS-30 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 5 page ![]() 1 FEATURES APPLICATIONS DESCRIPTION RI-TRP-R9VS, RI-TRP-W9VS www.ti.com........................................................................................................................................................................................... SCBS876 – NOVEMBER 2008 MOUNT-ON-METAL TRANSPONDER • Waste Management • Best in Class Performance Through Patented HDX Technology • Asset Management • Container Tracking • Patented Transponder Tuning Provides Stable and High Read/Write Performance • Vehicle Identification • Access Control • 64-Bit Read-Only Memory (RI-TRP-R9VS) 80-Bit Read-Write Memory (RI-TRP-W9VS) • Insensitive to Almost All Non-Metallic Materials Texas Instruments mount-on-metal transponder provides superior performance and operates at a resonance frequency of 134.2 kHz. Texas Instruments LF transponders are manufactured with TI’s patented tuning process to provide consistent read and write performance. Prior to delivery, the transponders undergo complete functional and parametric testing, in order to provide the high quality customers have come to expect from TI. The transponder is well suited for usage in a broad range of applications including, but not limited to, access control, vehicle identification, container tracking, asset management, and waste management applications. For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. NOTE: For more information, contact the sales office or distributor nearest you. This contact information can be found on our web site at http://www.ti.com/rfid. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Obsolete device |
Numéro de pièce similaire - RI-TRP-R9VS-30 |
|
Description similaire - RI-TRP-R9VS-30 |