Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM26LS31I Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce AM26LS31I
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31I Fiches technique(HTML) 8 Page - Texas Instruments

Back Button AM26LS31I Datasheet HTML 4Page - Texas Instruments AM26LS31I Datasheet HTML 5Page - Texas Instruments AM26LS31I Datasheet HTML 6Page - Texas Instruments AM26LS31I Datasheet HTML 7Page - Texas Instruments AM26LS31I Datasheet HTML 8Page - Texas Instruments AM26LS31I Datasheet HTML 9Page - Texas Instruments AM26LS31I Datasheet HTML 10Page - Texas Instruments AM26LS31I Datasheet HTML 11Page - Texas Instruments AM26LS31I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Waveform 1
(see Note E)
Output Z
Output Y
Input A
(see Notes B
and C)
VOL
VOH
VOL
VOH
3 V
tPHL
Skew
Skew
tPLH
tPLH
tPHL
0 V
PROPAGATION DELAY TIMES AND SKEW
TEST CIRCUIT
VCC
Test Point
S1
S2
75
Ω
180
Ω
CL
(see Note A)
From Output
Under Test
VOH
VOL
≈1.5 V
0 V
3 V
Enable G
Enable G
(see Note D)
S1 Open
S2 Closed
S1 Closed
S2 Open
tPZH
tPZL
tPHZ
tPLZ
S1 Closed
S2 Closed
0.5 V
≈0 V
≈4.5 V
S1 Closed
S2 Closed
≈1.5 V
ENABLE AND DISABLE TIME WAVEFORMS
See Note D
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50 Ω, tr ≤ 15 ns, tf ≤ 6 ns.
C. When measuring propagation delay times and skew, switches S1 and S2 are open.
D. Each enable is tested separately.
E. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
1.3 V
1.3 V
1.5 V
1.5 V
1.5 V
1.5 V
Waveform 2
(see Note E)
0.5 V
1.5 V
1.5 V
8
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 11. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com