Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8550 Fiches technique(PDF) 4 Page - Diode Semiconductor Korea

No de pièce SS8550
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SS8550 Fiches technique(HTML) 4 Page - Diode Semiconductor Korea

  SS8550 Datasheet HTML 1Page - Diode Semiconductor Korea SS8550 Datasheet HTML 2Page - Diode Semiconductor Korea SS8550 Datasheet HTML 3Page - Diode Semiconductor Korea SS8550 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Epitaxial Planar Transistor
SS8550
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
Device
Package
Shipping
SS8550
SOT-23
3000/Tape&Reel
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3 4