| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM814x Fiches technique(PDF) 140 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Fiches technique(HTML) 140 Page - Texas Instruments |
|
140 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-44. Video Input 1 (Digital) Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. EMAC[0]_MRXER/ EMAC[0]_RGTXCTL/ EMAC[0], GP3 IPD VIN[1]B_D[3]/ J26 I PINCNTL238 DVDD_GPMC EMAC[0]_RMRXER/ DSIS: PIN GP3[26] EMAC[0]_MCRS/ EMAC[0]_RGRXD[2]/ EMAC[0], GP3 IPD VIN[1]B_D[2]/ R25 I PINCNTL237 DVDD_GPMC EMAC[0]_RMRXD[1]/ DSIS: PIN GP3[25] Video Input Port B Data inputs. For 8-bit capture, EMAC[0]_MCOL/ B_D[7:0] are Port B YCbCr data inputs. EMAC[0]_RGRXCTL/ EMAC[0], GP3 IPD VIN[1]B_D[1]/ L23 I PINCNTL236 DVDD_GPMC EMAC[0]_RMRXD[0]/ DSIS: PIN GP3[24] EMAC[0]_MTCLK/ EMAC[0]_RGRXC/ EMAC[0], SPI[3], VIN[1]B_D[0]/ IPD I2C[2], GP3 L24 I SPI[3]_SCS[3]/ DVDD_GPMC PINCNTL235 I2C[2]_SDA/ DSIS: PIN GP3[23] VOUT[1]_CLK/ VOUT[1], Video Input 1 Port A Horizontal Sync input. Discrete EMAC[1]_MTCLK/ IPD EMAC[1], GP2 horizontal synchronization signal forPort A YCbCr AE24 I VIN[1]A_HSYNC/ DVDD PINCNTL204 capture modes without embedded syncs (“BT.601” GP2[28] DSIS: 0 modes). VOUT[1]_HSYNC/ VOUT[1], EMAC[1]_MCOL/ EMAC[1], SPI[3], Video Input 1 Port A Vertical Sync input. Discrete vertical VIN[1]A_VSYNC/ IPD AC24 I UART3, GP2 synchronization signal for Port A YCbCr capture modes SPI[3]_D[1]/ DVDD PINCNTL205 without embedded syncs (“BT.601” modes). UART3_RTS/ DSIS: 0 GP2[29] VOUT[1]_VSYNC/ VOUT[1], EMAC[1]_MCRS/ EMAC[1], VIN[1]A_FLD/ Video Input 1 Port A Data Enable input. Discrete data IPD VIN[1]A, SPI[3], VIN[1]A_DE/ AA23 I valid signal for Port A YCbCr capture modes without DVDD UART3, GP2 SPI[3]_D[0]/ embedded syncs (“BT.601” modes). PINCNTL206 UART3_CTS/ DSIS: 0 GP2[30] VOUT[1]_VSYNC/ VOUT[1], EMAC[1]_MCRS/ EMAC[1], VIN[1]A_FLD/ Video Input 1 Port A Field ID input. Discrete field IPD VIN[1]A, SPI[3], VIN[1]A_DE/ AA23 I identification signal for Port A YCbCr capture modes DVDD UART3, GP2 SPI[3]_D[0]/ without embedded syncs (“BT.601” modes). PINCNTL206 UART3_CTS/ DSIS: 0 GP2[30] 140 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |