| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM814x Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 • 32KB of Embedded Trace Buffer (ETB) and Technology to Reduce PCB Cost 5-Pin Trace Interface for Debug • 45-nm CMOS Technology • IEEE 1149.1 (JTAG) Compatible • 1.8- and 3.3-V Dual Voltage Buffers for General • 684-Pin Pb-Free BGA Package (CYE Suffix), I/O 0.8-mm Ball Pitch With Via Channel 1.2 Applications • HD Video Conferencing - Skype® Endpoints • Video Surveillance DVRs, IP Netcam • Digital Signage • Media Players and Adapters • Mobile Medical Imaging • Network Projectors • Home Audio and Video Equipment Copyright © 2011–2013, Texas Instruments Incorporated High-Performance System-on-Chip (SoC) 3 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |