| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM814x Fiches technique(PDF) 363 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Fiches technique(HTML) 363 Page - Texas Instruments |
|
363 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 8-112. USB Subsystem (USBSS) Registers(1) (continued) HEX ADDRESS ACRONYM REGISTER NAME 0x4740 002C IRQENABLER USBSS IRQ_ENABLE_SET 0x4740 0030 IRQCLEARR USBSS IRQ_ENABLE_CLR 0x4740 0034 - 0x4740 00FC - Reserved 0x4740 0100 IRQDMATHOLDTX00 USBSS IRQ_DMA_THRESHOLD_TX0_0 0x4740 0104 IRQDMATHOLDTX01 USBSS IRQ_DMA_THRESHOLD_TX0_1 0x4740 0108 IRQDMATHOLDTX02 USBSS IRQ_DMA_THRESHOLD_TX0_2 0x4740 010C IRQDMATHOLDTX03 USBSS IRQ_DMA_THRESHOLD_TX0_3 0x4740 0110 IRQDMATHOLDRX00 USBSS IRQ_DMA_THRESHOLD_RX0_0 0x4740 0114 IRQDMATHOLDRX01 USBSS IRQ_DMA_THRESHOLD_RX0_1 0x4740 0118 IRQDMATHOLDRX02 USBSS IRQ_DMA_THRESHOLD_RX0_2 0x4740 011C IRQDMATHOLDRX03 USBSS IRQ_DMA_THRESHOLD_RX0_3 0x4740 0120 IRQDMATHOLDTX10 USBSS IRQ_DMA_THRESHOLD_TX1_0 0x4740 0124 IRQDMATHOLDTX11 USBSS IRQ_DMA_THRESHOLD_TX1_1 0x4740 0128 IRQDMATHOLDTX12 USBSS IRQ_DMA_THRESHOLD_TX1_2 0x4740 012C IRQDMATHOLDTX13 USBSS IRQ_DMA_THRESHOLD_TX1_3 0x4740 0130 IRQDMATHOLDRX10 USBSS IRQ_DMA_THRESHOLD_RX1_0 0x4740 0134 IRQDMATHOLDRX11 USBSS IRQ_DMA_THRESHOLD_RX1_1 0x4740 0138 IRQDMATHOLDRX12 USBSS IRQ_DMA_THRESHOLD_RX1_2 0x4740 013C IRQDMATHOLDRX13 USBSS IRQ_DMA_THRESHOLD_RX1_3 0x4740 0140 IRQDMAENABLE0 USBSS IRQ_DMA_ENABLE_0 0x4740 0144 IRQDMAENABLE1 USBSS IRQ_DMA_ENABLE_1 0x4740 0148 - 0x4740 01FC - Reserved 0x4740 0200 IRQFRAMETHOLDTX00 USBSS IRQ_FRAME_THRESHOLD_TX0_0 0x4740 0204 IRQFRAMETHOLDTX01 USBSS IRQ_FRAME_THRESHOLD_TX0_1 0x4740 0208 IRQFRAMETHOLDTX02 USBSS IRQ_FRAME_THRESHOLD_TX0_2 0x4740 020C IRQFRAMETHOLDTX03 USBSS IRQ_FRAME_THRESHOLD_TX0_3 0x4740 0210 IRQFRAMETHOLDRX00 USBSS IRQ_FRAME_THRESHOLD_RX0_0 0x4740 0214 IRQFRAMETHOLDRX01 USBSS IRQ_FRAME_THRESHOLD_RX0_1 0x4740 0218 IRQFRAMETHOLDRX02 USBSS IRQ_FRAME_THRESHOLD_RX0_2 0x4740 021C IRQFRAMETHOLDRX03 USBSS IRQ_FRAME_THRESHOLD_RX0_3 0x4740 0220 IRQFRAMETHOLDTX10 USBSS IRQ_FRAME_THRESHOLD_TX1_0 0x4740 0224 IRQFRAMETHOLDTX11 USBSS IRQ_FRAME_THRESHOLD_TX1_1 0x4740 0228 IRQFRAMETHOLDTX12 USBSS IRQ_FRAME_THRESHOLD_TX1_2 0x4740 022C IRQFRAMETHOLDTX13 USBSS IRQ_FRAME_THRESHOLD_TX1_3 0x4740 0230 IRQFRAMETHOLDRX10 USBSS IRQ_FRAME_THRESHOLD_RX1_0 0x4740 0234 IRQFRAMETHOLDRX11 USBSS IRQ_FRAME_THRESHOLD_RX1_1 0x4740 0238 IRQFRAMETHOLDRX12 USBSS IRQ_FRAME_THRESHOLD_RX1_2 0x4740 023C IRQFRAMETHOLDRX13 USBSS IRQ_FRAME_THRESHOLD_RX1_3 0x4740 0240 IRQFRAMEENABLE0 USBSS IRQ_FRAME_ENABLE_0 0x4740 0244 IRQFRAMEENABLE1 USBSS IRQ_FRAME_ENABLE_1 0x4740 0248 - 0x4740 0FFC - Reserved Copyright © 2011–2013, Texas Instruments Incorporated Peripheral Information and Timings 363 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |