Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM93 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM93 Datasheet HTML 1Page - National Semiconductor (TI) LM93 Datasheet HTML 2Page - National Semiconductor (TI) LM93 Datasheet HTML 3Page - National Semiconductor (TI) LM93 Datasheet HTML 4Page - National Semiconductor (TI) LM93 Datasheet HTML 5Page - National Semiconductor (TI) LM93 Datasheet HTML 6Page - National Semiconductor (TI) LM93 Datasheet HTML 7Page - National Semiconductor (TI) LM93 Datasheet HTML 8Page - National Semiconductor (TI) LM93 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
7.0 Application
Baseboard management of a Dual processor server. Two
LM93s may be required to manage a quad processor base-
board. The block diagram of LM93 hardware is illustrated
below. The hardware implementation is a single chip ASIC
solution.
2 Way Xeon Server Management
20068205
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92