| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54AT Fiches technique(PDF) 2 Page - Diode Semiconductor Korea |
|
|
|||||||||||||||||||||||||||||
BAT54AT Fiches technique(HTML) 2 Page - Diode Semiconductor Korea |
|
2 / 3 page ![]() Surface Mount Schottky Barrier Diode BAT54T/AT/CT/ST ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Parameter Symbol Test conditions MIN MAX UNIT Reverse breakdown voltage V(BR)R IR=100μA 30 V Leakage current IR VR=25V 2.0 μA Forward voltage VF IF=0.1mA IF=1.0mA IF=10mA IF=30mA IF=100mA 240 320 400 500 1000 mV Typical total capacitance CT VR=1.0V,f=1MHz 10 pF Reverse recovery Time trr IF=IR=10mA,to IR=1.0mA RL=100Ω 5.0 ns TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified www.diode.kr Diode Semiconductor Korea |