Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCD3138128APFC Fiches technique(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
No de pièce UCD3138128APFC
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC Fiches technique(HTML) 57 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 53Page - Texas Instruments UCD3138128APFC Datasheet HTML 54Page - Texas Instruments UCD3138128APFC Datasheet HTML 55Page - Texas Instruments UCD3138128APFC Datasheet HTML 56Page - Texas Instruments UCD3138128APFC Datasheet HTML 57Page - Texas Instruments UCD3138128APFC Datasheet HTML 58Page - Texas Instruments UCD3138128APFC Datasheet HTML 59Page - Texas Instruments UCD3138128APFC Datasheet HTML 60Page - Texas Instruments UCD3138128APFC Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
Phase Shift
Phase Trigger = Phase Trigger Register value or Filter Duty
DPWM0 Start of Period
Period Counter
DPWM0 Start of Period
DPWM1 Start of Period
Period Counter
DPWM1 Start of Period
57
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.1.6 Phase Shifting
In most modes, it is possible to synchronize multiple DPWM modules using the phase shift signal. The phase
shift signal has two possible sources. It can come from the Phase Trigger Register. This provides a fixed value,
which is useful for an application like interleaved PFC.
The phase shift value can also come from the filter output. In this case, the changes in the filter output causes
changes in the phase relationship of two DPWM modules. This is useful for phase shifted full bridge topologies.
The following figure shows the mechanism of phase shift:
Figure 40. Phase Shifting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83