Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH3SP30 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce VNH3SP30
Description  FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3SP30 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button VNH3SP30 Datasheet HTML 18Page - STMicroelectronics VNH3SP30 Datasheet HTML 19Page - STMicroelectronics VNH3SP30 Datasheet HTML 20Page - STMicroelectronics VNH3SP30 Datasheet HTML 21Page - STMicroelectronics VNH3SP30 Datasheet HTML 22Page - STMicroelectronics VNH3SP30 Datasheet HTML 23Page - STMicroelectronics VNH3SP30 Datasheet HTML 24Page - STMicroelectronics VNH3SP30 Datasheet HTML 25Page - STMicroelectronics VNH3SP30 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24/26
VNH3SP30
2
DIM.
mm.
MIN.
TYP
MAX.
A
2.35
A2
1.85
2.25
A3
0
0.1
B
0.42
0.58
C
0.23
0.32
D
17.1
17.2
17.3
E
18.85
19.15
E1
15.9
16
16.1
e1
F1
5.55
6.05
F2
4.6
5.1
F3
9.6
10.1
L
0.8
1.15
N
10deg
S
0deg
7deg
MultiPowerSO-30 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26