Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430C413IPM Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Fiches technique(HTML) 17 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 13Page - Texas Instruments MSP430C413IPM Datasheet HTML 14Page - Texas Instruments MSP430C413IPM Datasheet HTML 15Page - Texas Instruments MSP430C413IPM Datasheet HTML 16Page - Texas Instruments MSP430C413IPM Datasheet HTML 17Page - Texas Instruments MSP430C413IPM Datasheet HTML 18Page - Texas Instruments MSP430C413IPM Datasheet HTML 19Page - Texas Instruments MSP430C413IPM Datasheet HTML 20Page - Texas Instruments MSP430C413IPM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timer1_A5 (MSP430x415 and MSP430x417 only)
Timer1_A5 is a 16-bit timer/counter with five capture/compare registers. Timer1_A5 can support multiple
capture/compares, PWM outputs, and interval timing. Timer1_A5 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Timer1_A5 Signal Connections
Input Pin Number
Device Input Signal
Module Input Name
Module Block
Module Output Signal
Output Pin Number
32 - P2.5
TA1CLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
32 - P2.5
TA1CLK
INCLK
49 - P1.4
TA1.0
CCI0A
49 - P1.4
50 - P1.3
TA1.0
CCI0B
CCR0
TA1.0
DVSS
GND
CCR0
TA1.0
DVCC
VCC
44 - P2.1
TA1.1
CCI1A
44 - P2.1
CAOUT (internal)
CCI1B
CCR1
TA1.1
DVSS
GND
CCR1
TA1.1
DVCC
VCC
35 - P2.2
TA1.2
CCI2A
35 - P2.2
Not Connected
CCI2B
CCR2
TA1.2
DVSS
GND
CCR2
TA1.2
DVCC
VCC
34 - P2.3
TA1.3
CCI3A
34 - P2.3
Not Connected
CCI3B
CCR3
TA1.3
DVSS
GND
CCR3
TA1.3
DVCC
VCC
33 - P2.4
TA1.4
CCI4A
33 - P2.4
Not Connected
CCI4B
CCR4
TA1.4
DVSS
GND
CCR4
TA1.4
DVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55