| Moteur de recherche de fiches techniques de composants électroniques |
|
UCC2918DP Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCC2918DP Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 10 page ![]() UCC2918/81510 LOW ONRESISTANCE HOT SWAP POWER MANAGER SLUS457C − JULY 2000 - REVISED APRIL 2001 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION safety considerations Although the UCC2918 is designed to provide system protection for all fault conditions, all integrated circuits can ultimately fall short. For this reason, if the UCC2918 is intended for use in safety critical applications where UL or some other safety rating is required, a redundant safety device such as a fuse should be placed in series with the power device. The UCC2918 prevents the fuse from blowing for virtually all fault conditions, increasing system reliability and reducing maintenance cost, in addition to providing the hot swap benefits of the device. |