Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC2510 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea

No de pièce KBPC2510
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBPC2510 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea

  KBPC2510 Datasheet HTML 1Page - Diode Semiconductor Korea KBPC2510 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01
 
TJ=25
Pulse Width
=300uS
.1
1.0
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
040
60
20
100
120
140
80
TJ=25
0.1
1.0
.01
Tc=100
0
Resistive or
Inductive Load
25
50
75
100
125
25
20
15
10
5
0
0
100
1
100
500
200
300
400
10
8.3ms Single Half Sine Wave
TJ=125
KBPC25005 - - - KBPC2510
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2