| Moteur de recherche de fiches techniques de composants électroniques |
|
KBPC1008W Fiches technique(PDF) 2 Page - Diode Semiconductor Korea |
|
|
|||||||||||||||||||||||||||||
KBPC1008W Fiches technique(HTML) 2 Page - Diode Semiconductor Korea |
|
2 / 2 page ![]() 1.0 1.2 1.4 1.6 1.8 .01 0.1 1.0 TJ=25 Pulse Width =300uS 0.6 0.8 10 2.0 100 10 040 60 20 100 120 140 80 TJ=25 0.1 1.0 .01 Tc=100 0 2 4 050 100 TA=50 6 8 150 Resistive or Inductive Load Tc=50 10 CA SE 0 1 100 10 8.3ms Single Half Sine Wave TJ=125 30 60 90 120 150 KBPC10005(W) - - - KBPC1010(W) NUMBER OF CYCLES AT 60HZ AMBIENT TEMPERATURE, FIG.3 -- TYPICAL FORWARD CHARACTERISTIC FIG.4 -- TYPICAL REVERSE CHARACTERISTIC INSTANTANEOUS FORWARD VOLTAGE, VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE FIG.2 -- FORWARD DERATING CURVE FIG.1 -- PEAK FORWARD SURGE CURRENT www.diode.kr Diode Semiconductor Korea |