Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC1006 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea

No de pièce KBPC1006
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBPC1006 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea

  KBPC1006 Datasheet HTML 1Page - Diode Semiconductor Korea KBPC1006 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1.2
1.4
1.6
1.8
.01
0.1
1.0
 
TJ=25
Pulse Width
=300uS
0.6
0.8
10
2.0
100
10
040
60
20
100
120
140
80
TJ=25
0.1
1.0
.01
Tc=100
0
2
4
050
100
TA=50
6
8
150
Resistive or
Inductive Load
Tc=50
10
CA
SE
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
30
60
90
120
150
KBPC10005 - - - KBPC1010
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2