Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC15005 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea

No de pièce KBPC15005
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DSK [Diode Semiconductor Korea]
Site Internet  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBPC15005 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea

  KBPC15005 Datasheet HTML 1Page - Diode Semiconductor Korea KBPC15005 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1.2
1.4
1.6
1.8
.01
 
TJ=25
Pulse Width
=300uS
0.6
0.8
2.0
1.0
0.1
10
100
TJ=25
Tc=100
.01
0.1
1.0
10
020
40
80
60
100
140
120
100
40
10
4
1
100
150
200
250
300
50
0
TJ=125
8.3 ms Single Half
Sine - Wave
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
KBPC15005 - - - KBPC1510
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.1 -- PEAK FORWARD SURGE CURRENT
0
5
0
15
Resistive or
Inductive Load
10
25
50
75
100
125
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2