Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS3884AVF Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DS3884AVF
Description  BTL Handshake Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3884AVF Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  DS3884AVF Datasheet HTML 1Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 2Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 3Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 4Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 5Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 6Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 7Page - National Semiconductor (TI) DS3884AVF Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pin Descriptions (Continued)
DE*
Dn
FRn
Rn
Bn
HXH
H
L
HX
L
L
H
L
HHH
L
LLLL
H
X: High or low logic state
L: Low state
H: High state
L-H: Low to high transition
Glitch Filter Table
PS1
PS2
Filter Setting
LL
5 ns
L
H
10 ns
H
L
14 ns
H
H
24 ns
Application Information
The DS3884A is pin to pin and functionally compatible with
the DS3884. The DS3884A is a speed and power enhanced
version of the DS3884. There are two minor differences be-
tween the DS3884 and DS3884A.
The external resistor used in the DS3884A is different from
that used in the DS3884. REXT for the DS3884 is 6.2k while
REXT for the DS3884A is 13k. The available filter settings for
the DS3884A are 5 ns, 10 ns, 14 ns, 24 ns, while the settings
for the DS3884 are 5 ns, 7.5 ns, 15 ns, and 25 ns.
Utilization of the DS3884A simplifies the implementation of
all handshake signals which require Wired-OR glitch filtering.
Three of the six bits have an additional parallel Wired-OR fil-
tered receive output giving a total of nine receiver outputs.
DS011460-5
FIGURE 1. Driver Propagation Delay Set-Up
DS011460-6
FIGURE 2. Driver: Dn to Bn
DS011460-7
FIGURE 3. Driver: DE* to Bn
DS011460-8
Switch Position
t
PLH
t
PHL
S1
open
close
FIGURE 4. Receiver Propagation Delay Set-Up
DS011460-9
FIGURE 5. Receiver: Bn to FRn, Bn to Rn
DS011460-10
FIGURE 6. Receiver: t
GR, FRn(min) = 2V
DS011460-11
FIGURE 7. Receiver: PSn to Bn
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8