| Moteur de recherche de fiches techniques de composants électroniques |
|
AISC-1008-R10 Fiches technique(PDF) 3 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AISC-1008-R10 Fiches technique(HTML) 3 Page - Abracon Corporation |
|
3 / 4 page ![]() Wire Wound Inductor - Ceramic Or Ferrite Base |||||||||| | | | | | AISC-1008(F) 2.92 x 2.79 x 2.29m m ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS ISO 9001 :2008 CERTIFIED 30332 Esperanza, Rancho Santa Margarita, California92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Visit www.abracon.com for Terms & Conditions of Sale Revised: 09.17.13 AISC-1008-R010 AISC-1008-R082 AISC-1008-R27 AISC-1008-R010 AISC-1008-R082 AISC-1008-R27 AISC-1008F-1R0 AISC-1008F-2R2 AISC-1008F-4R7 AISC-1008F-1R0 AISC-1008F-2R2 AISC-1008F-4R7 Pb RoHS/RoHS II Compliant ELECTRICAL CHARACTERISTICS CURVES : OUTLINE DIMENSIONS: AISC-1008 - - Material Code Inductance Code Tolerance Code Packaging Blank: Ceramic Please refer to the table G: ±2% T: Tape & Reel (2k/reel) F: Ferrite J: ±5% K: ±10% M: ±20% PART IDENTIFICATION: m Dimension: m A MAX. B MAX. C MAX. D REF. E F H REF. I REF. J REF. 2.92 2.79 2.29 0.51 2.1±0.2 0.5±0.2 2.54 1.02 1.27 |