Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TQFP48 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TQFP48
Description  48-LEAD THIN QUAD FLAT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TQFP48 Fiches technique(HTML) 5 Page - STMicroelectronics

  TQFP48 Datasheet HTML 1Page - STMicroelectronics TQFP48 Datasheet HTML 2Page - STMicroelectronics TQFP48 Datasheet HTML 3Page - STMicroelectronics TQFP48 Datasheet HTML 4Page - STMicroelectronics TQFP48 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TQFP48 PACKAGE AND PACKING INFORMATION
5/5
TRAY DATA
mm.
inch
A
322.6
12.700
B
315.0 ±0.10
12.402 ±0.004
C
135.9 ±0.10
5.350 ±0.004
D
92.1 ±0.10
3.626 ±0.004
E
12.2 ±0.10
0.480 ±0.004
F
12.2 ±0.10
0.480 ±0.004
G
12.2 ±0.10
0.480 ±0.004
BASE QUANTITY
250 pcs.
BULK QUANTITY
1500 pcs.
TRAY SHIPMENT INFORMATION



Html Pages

1 2 3 4 5