Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC901FN Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce P89LPC901FN
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901FN Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC901FN Datasheet HTML 8Page - NXP Semiconductors P89LPC901FN Datasheet HTML 9Page - NXP Semiconductors P89LPC901FN Datasheet HTML 10Page - NXP Semiconductors P89LPC901FN Datasheet HTML 11Page - NXP Semiconductors P89LPC901FN Datasheet HTML 12Page - NXP Semiconductors P89LPC901FN Datasheet HTML 13Page - NXP Semiconductors P89LPC901FN Datasheet HTML 14Page - NXP Semiconductors P89LPC901FN Datasheet HTML 15Page - NXP Semiconductors P89LPC901FN Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
12 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.
Logic symbols
Fig 9.
P89LPC901 logic symbol.
VDD
VSS
T0
RST
002aaa441
CIN1A
CMPREF
XTAL2
XTAL1
KBI4
KBI5
CLKOUT
Fig 10. P89LPC902 logic symbol.
VDD
VSS
RST
002aaa442
CIN1A
CMPREF
CMP1
CIN2A
CMP2
KBI4
KBI5
KBI6
KBI2
KBI0
Fig 11. P89LPC903 logic symbol.
VDD
VSS
RST
RxD
TxD
002aaa443
CIN1A
CMPREF
CIN2A
KBI4
KBI5
KBI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55