Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JA4637 Fiches technique(PDF) 1 Page - Coilcraft lnc.

No de pièce JA4637
Description  Coupled Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

JA4637 Fiches technique(HTML) 1 Page - Coilcraft lnc.

  JA4637_13 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Coupled Inductor
Document 848
Document 848 Revised 03/23/12
1. Inductance is measured at 200 kHz, 1.0 Vrms.
2. DCR is for each winding
3. Leakage inductance measured from pin 6 to pin 1 with pins 3 and 4
shorted.
4. Current at which inductance drops 10% from it value without current
5. Electrical specifications at 25°C.
Leakage
Part
Inductance1 DCR max2 inductance3
Isat4
number
±10% (µH)
(Ohms)
min (µH)
(A)
JA4637-AL
250
0.10
0.20
2.5
Core material Ferrite
Terminations RoHS tin-silver over tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight 40.2 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 64 per tray
PCB washing Only pure water or alcohol recommended
• Developed for use with Texas Instruments TPS40210 SEPIC
Converter; shown on PMP5143 reference design.
• 1 : 1 coupled inductor
• CanalsobeusedasaflybacktransformerorinZetaapplications
• Winding to winding isolation:100 Vrms
For SEPIC
Applications
Dimensions are in
inches
mm
6
3
1
4
1.10
27,9
1.17
29,8
max
max
max
1.00
25,4
1.00
25,4
0.98
24.9
0.996
25,3
0.15
3,81
0.30
7,62
0.040
1,016
0.031
0,80
0.13
3,3
Æ
Æ
Recommended
PC Board Layout
1
1
6
6
7
7
12
12
Dot indicates pin 1
Parts manufactured prior to February, 2012
may be marked differently.


Numéro de pièce similaire - JA4637_13

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
JA4631-BL AD-JA4631-BL Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
logo
Coilcraft lnc.
JA4631-BLB COILCRAFT-JA4631-BLB Datasheet
122Kb / 1P
Isolation Transformers
JA4631-BLD COILCRAFT-JA4631-BLD Datasheet
122Kb / 1P
Isolation Transformers
JA4631 COILCRAFT-JA4631_13 Datasheet
122Kb / 1P
Isolation Transformers
JA4635-AL COILCRAFT-JA4635-AL Datasheet
135Kb / 1P
Flyback Transformers
More results

Description similaire - JA4637_13

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
Coupled Inductor
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
Coupled Inductor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com