| Moteur de recherche de fiches techniques de composants électroniques |
|
LP55231 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP55231 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 57 page ![]() 21 LP55231 www.ti.com SNOSCR5B – MARCH 2013 – REVISED MAY 2016 Product Folder Links: LP55231 Submit Documentation Feedback Copyright © 2013–2016, Texas Instruments Incorporated Register Maps (continued) Table 3. Control Register Map HEX ADDRESS REGISTER NAME BIT(s) READ/ WRITE DEFAULT VALUE AFTER RESET BIT MNEMONIC AND DESCRIPTION 00 ENABLE / ENGINE CNTRL1 [6] R/W x0xxxxxx CHIP_EN 0 = LP55231 not enabled 1 = LP55231 enabled [5:4] R/W xx00xxxx ENGINE1_EXEC Engine 1 program execution control [3:2] R/W xxxx00xx ENGINE2_EXEC Engine 2 program execution control [1:0] R/W xxxxxx00 ENGINE3_EXEC Engine 3 program execution control 01 ENGINE CNTRL2 [5:4] R/W xx00xxxx ENGINE1_MODE ENGINE 1 mode control [3:2] R/W xxxx00xx ENGINE2_MODE ENGINE 2 mode control [1:0] R/W xxxxxx00 ENGINE3_MODE ENGINE 3 mode control 02 OUTPUT DIRECT/RATIOMETRIC MSB [0] R/W xxxxxxx0 D9_RATIO_EN Enables ratiometric dimming for D9 output. 03 OUTPUT DIRECT/RATIOMETRIC LSB [7] R/W 0xxxxxxx D8_RATIO_EN Enables ratiometric dimming for D8 output. [6] R/W x0xxxxxx D7_RATIO_EN Enables ratiometric dimming for D7 output. [5] R/W xx0xxxxx D6_RATIO_EN Enables ratiometric dimming for D6 output. [4] R/W xxx0xxxx D5_RATIO_EN Enables ratiometric dimming for D5 output. [3] R/W xxxx0xxx D4_RATIO_EN Enables ratiometric dimming for D4 output. [2] R/W xxxxx0xx D3_RATIO_EN Enables ratiometric dimming for D3 output. [1] R/W xxxxxx0x D2_RATIO_EN Enables ratiometric dimming for D2 output. [0] R/W xxxxxxx0 D1_RATIO_EN Enables ratiometric dimming for D1 output. 04 OUTPUT ON/OFF CONTROL MSB [0] R/W xxxxxxx1 D9_ON ON/OFF Control for D9 output 05 OUTPUT ON/OFF CONTROL LSB [7] R/W 1xxxxxxx D8_ON ON/OFF Control for D8 output [6] R/W x1xxxxxx D7_ON ON/OFF Control for D7 output [5] R/W xx1xxxxx D6_ON ON/OFF Control for D6 output [4] R/W xxx1xxxx D5_ON ON/OFF Control for D5 output [3] R/W xxxx1xxx D4_ON ON/OFF Control for D4 output [2] R/W xxxxx1xx D3_ON ON/OFF Control for D3 output [1] R/W xxxxxx1x D2_ON ON/OFF Control for D2 output [0] R/W xxxxxxx1 D1_ON ON/OFF Control for D1 output |