Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP8727TMX/NOPB Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Fiches technique(HTML) 30 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP8727TME-B/NOPB
DSBGA
YFQ
25
250
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
LP8727TME/NOPB
DSBGA
YFQ
25
250
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
LP8727TMX-B/NOPB
DSBGA
YFQ
25
3000
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
LP8727TMX/NOPB
DSBGA
YFQ
25
3000
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Jun-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33