| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2302IP Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2302IP Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() TLV2302, TLV2304 FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS SLOS343 – DECEMBER 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2302 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax SMALL OUTLINE† MSOP PLASTIC DIP TA IO AT 25 °C SMALL OUTLINE† (D) MSOP† (DGK) SYMBOLS PLASTIC DIP (P) -40 °C to 125°C 4000 μV TLV2302ID TLV2302IDGK xxTIAQG TLV2302IP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2302IDR). TLV2304 AVAILABLE OPTIONS Vma PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) TSSOP (PW) PLASTIC DIP (N) –40 °C to 125°C 4000 μV TLV2304ID TLV2304IPW TLV2304IN † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2304IDR). TLV230x PACKAGE PINOUTS 1 2 3 4 8 7 6 5 AOUT AIN – AIN + GND VCC COUT CIN – CIN+ TLV2302 D, DGK, OR P PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 C1OUT C1IN – C1IN+ VCC C2IN+ C2IN – C2OUT A2OUT A2IN– A2IN+ GND A1IN+ A1IN– A1OUT (TOP VIEW) TLV2304 D, N, OR PW PACKAGE |