| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE2081CD Fiches technique(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2081CD Fiches technique(HTML) 59 Page - Texas Instruments |
|
59 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 59 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 54 TA – Free-Air Temperature – °C 50 46 38 34 30 66 42 – 75 – 55 – 35 –15 5 25 45 58 54 62 SLEW RATE vs FREE-AIR TEMPERATURE 70 65 85 105 125 VCC ± = ±15 V RL = 2 kΩ CL = 100 pF SR – SR + Figure 55 RL – Load Resistance – Ω 10 –10 0 – 20 – 50 50 – 30 100 1 k 10 k 100 k 30 20 40 SLEW RATE vs LOAD RESISTANCE VCC ± = ±15 V VO ± = ±10 V VCC ± = ±5 V VO ± = ±2.5 V Rising Edge Falling Edge – 40 AV = – 1 CL = 100 pF TA = 25°C Figure 56 VID – Differential Input Voltage – V 50 0.1 0.4 1 4 10 SLEW RATE vs DIFFERENTIAL INPUT VOLTAGE VCC ± = ±15 V VO ± = ±10 V (10% – 90%) CL = 100 pF TA = 25°C Rising Edge Falling Edge 40 30 20 10 0 –10 – 20 – 30 – 40 – 50 AV = 1 AV = – 1 AV = – 1 AV = 1 Figure 57 40 5 25 15 0 50 30 10 100 1 k 10 k 45 10 20 f – Frequency – Hz EQUIVALENT INPUT NOISE VOLTAGE vs FREQUENCY 35 VIC = 0 RS = 20 Ω TA = 25°C VCC ± = ±15 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |